part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 11/10/09 mm a 10-00244 cable, 1830 mm, usb a plug to 5.5x2.5x12 mm 50-00026 plug, center positive, 22 awg, ul2468 speci cations: plug description (1) usb-a plug; inner mold: 30p, pvc, black; outer mold: 60p, pvc, black plug description (2) dc plug, 5.5x2.5xl23 mm, molding style, spring contacts, black in- sulator, p/n 50-00026 plug overmold (3) 30p, pvc, black, ul94v0 cable description (4) ul2468, 0.16 x 17 strands, 2 conductor, twin wire cable outer diameter ?3.6 (1.8 x 2) 0.1 mm cable color black cable gauge awg #22 cable length 1830 50 twist tie (5) black, 89 3 rated load 1 a at 5 vdc notes: function test: no open, no reversed polarity, no short circuit, no int hi-pot test: 600 vac, 0.5 ma, 1 sec. rohs compliant mechanical drawing: tolerance x: 0.5 mm .x: 0.3 mm .xx: 0.05 mm 1 of 2 initial date
part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 11/10/09 mm a 10-00244 cable, 1830 mm, usb a plug to 5.5x2.5x12 mm 50-00026 plug, center positive, 22 awg, ul2468 revision notes: rev date description a november 10, 2009 initial release 2 of 2 spec sign-off veri es that you have reviewed the entire speci cation, tested a sample of the product, and con rm that it meets your requirements. this speci cation re ects the part as it will be ordered. orders will not be processed until the speci cation pages have been initialed and the approval page has been signed. this speci cation is con dential and is not to be transmitted without prior approval from tensility. signature title name date speci cation approval
|